PART |
Description |
Maker |
BCM5348M |
SINGLE-CHIP L2 MANAGED SWITCH WITH 48 10/100 PORTS FOUR GbE PORTS
|
Broadcom Corp.
|
80C51FA TP80C51FA LN83C51FA TN83C51FA LN80C51FA AN |
(193.00 k) 93.00十一 DIP Switch; No. of Switch Positions:3; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:Through Hole; Pitch Spacing:2.54mm; Row Spacing:8mm; Series:SD; Actuator Style:Flush Slide RoHS Compliant: Yes 93.00十一 Event-Control CHMOS Single Chip 8-Bit Microcontroller(控制事件CHMOS 单片8位微控制 EVENT-CONTROL CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
|
XP Power, Ltd. Intel Corp. INTEL[Intel Corporation] Panasonic Semiconductor
|
RTL8309SB |
Single-Chip 9-Port 10/100 MBPS Switch Controller SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
|
Realtek Microelectronics List of Unclassifed Manufacturers
|
711FXE3-XX-YY |
Managed Industrial Ethernet Switch
|
Red Lion Controls. Inc
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
NTCD-CFG |
Managed Gigabit Industrial Ethernet Switch
|
Red Lion Controls. Inc
|
LAN9354 |
3-Port 10/100 Managed Ethernet Switch
|
Microchip Technology
|
ZL50416 |
Managed 16-Port Fast Ethernet Switch
|
ZARLINK
|
ZL50411 |
Managed 9FE Layer-2 Ethernet Switch
|
Zarlink Semiconductor
|
LAN9313 LAN9313I LAN9313I-NZW |
Three Port 10/100 Managed Ethernet Switch with MII
|
Microchip Technology
|
KSZ8895MQ |
Integrated 5-Port 10/100 Managed Ethernet Switch
|
Micrel Semiconductor
|